Part Number Hot Search : 
BLF571 55320301 0N60P SM8S26 MCR10 PA006 SQ141Y4 IRF7811
Product Description
Full Text Search
 

To Download HLMP-DM25-J0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HLMP-Dx25/Nx30 T-1 3/4 (5 mm), T-1 (3 mm) InGaN LED Lamps
Data Sheet
Features * Popular T-1 3/4 and T-1 diameter packages * General purpose leads * Reliable and rugged * Binned for color and intensity * Bright InGaN dice
HLMP-DS25-F0000, HLMP-NS30-J00xx, HLMP-DM25-J0000, HLMP-NM30-H0000
Package Dimensions
5.08 (0.200) 4.57 (0.180) 4.40 0.30 3.10 0.20
9.19 (0.352) 8.43 (0.332)
3.50 0.30 5.85 0.50 2.00
Applications * Status indicators * Small message panel * Running and decorative lights for commercial use * Back lighting * Consumer audio
0.65 MAX. 0.89 (0.035) 0.64 (0.025) 23.0 (0.90) MIN. 0.45 (0.018) SQUARE NOMINAL + 0.10 0.45 - 0.04 23.0 MIN.
1.0 MIN.
1.27 (0.050) NOM. 6.10 (0.240) 5.59 (0.220) CATHODE 2.54 (0.100) NOM.
2.54 0.30
Description The blue HLMP-DS25 and HLMPNM30, and green HLMP-DM25 and HLMP-NM30 LEDs are designed in an industry standard T-1 3/4 and T-1 packages with clear and nondiffused optics. These lamps are ideal for use as indicators and for general purpose lighting. Blue lamps offer color differentiation as blue is attractive and not widely available.
0.44 0.20 3.40 0.20 + 0.10 0.40 - 0 CATHODE MARKS
HLMP-DS25/DM25
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS.
HLMP-NS30/NM30
Caution: Devices are Class I ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Selection Guide Package Description T-1 3/4 T-1 Color Blue Green Blue Green Part Number HLMP-DS25-F0000 HLMP-DM25-J0000 HLMP-NS30-J00xx HLMP-NM30-H0000 Luminous Intensity Iv (mcd) @ 20 mA Min. Max. 110.0 240.0 240.0 180.0 - - - -
Part Numbering System HLMP X X XX -X X X XX Mechanical Option 00: Bulk DD: Ammo pack Color Bin Options 0: Full color bin distribution Maximum Iv Bin Options 0: Open (No. max. limit) Minimum Iv Bin Options Please refer to the Iv bin Table Viewing Angle 25: 25 Degree 30: 30 Degree Color Options S: Blue M: Green Package Options D: T-13/4 (5 mm) N: T-1 (3 mm) Auto-insertable
2
Absolute Maximum Ratings TA = 25C Parameter Peak Forward Current DC Current [1] Reverse Voltage (I R = 100 A) LED Junction Temperature Operating Temperature Storage Temperature Dip/Drag Solder Temperature Wave Solder Temperature
Note: 1. Derate linearly as shown in Figure 4.
HLMP-DS25/DM25 100 mA 30 mA 5V 115C -40 to +85C -40 to +100C 260C for 5 seconds 245C for 3 seconds [1.59 mm (0.060 in.) below seating plane]
HLMP-NS30/NM30 100 mA 30 mA 5V 115C -40 to +85C -40 to +85C 260C for 5 seconds 245C for 3 seconds
Optical Characteristics TA = 25C Luminous Intensity IV (mcd) @ IF = 20 mA Min. Typ. 110 240 240 180 260 970 550 1000 Color, Dominant Wavelengh d[1] (nm) Typ. 470 527 470 527 Peak Wavelength PEAK (nm) Typ. 468 520 468 520 Viewing Angle 21/2[2] Degrees Typ. 25 25 30 30
Part Number HLMP-DS25 HLMP-DM25 HLMP-NS30 HLMP-NM30
Notes: 1. The dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the single wavelength which defines the color of the device. 2. 1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity.
Electrical Characteristics Forward Voltage VF (volts) IF = 20 mA Typ. Max. 3.6 3.8 3.6 3.8 4.2 4.2 4.2 4.2 Reverse Breakdown VR (volts) @ IR = 100 A Min. Typ. 3.0 3.0 3.0 3.0 30 30 30 30 Speed Response s (ns) Typ. 500 500 500 500 Capacitance C (pF), VF = 0 f = 1 MHz Typ. 50 50 50 50 Thermal Resistance RJ-PIN (C/W) Junction to Cathode Lead 260 260 290 290
Part Number HLMP-DS25 HLMP-DM25 HLMP-NS30 HLMP-NM30
3
1.0 0.9
IF - FORWARD CURRENT - mA
60
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20 mA)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 10 20 30 40 50
RELATIVE INTENSITY
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 380
50 40 30 20 10 0
BLUE
GREEN
430
480
530
580
630
680
0
1
2
3
4
5
WAVELENGTH
VF - FORWARD VOLTAGE - V
IF - DC FORWARD CURRENT - mA
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. forward current.
35
IF - FORWARD CURRENT - mA DC
1.0 0.9
RELATIVE INTENSITY
30 25 20 15 10 5 0 0 10 20 30 40 50 60 70 80 90 TA - AMBIENT TEMPERATURE - C
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGULAR DISPLACEMENT - DEGREES
Figure 4. Maximum forward current vs. ambient temperature based on TJ max. = 115C.
Figure 5. Relative luminous intensity vs. angular displacement for HLMP-DS25 and HLMP-DM25.
1.0 0.9
RELATIVE INTENSITY
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
ANGULAR DISPLACEMENT - DEGREES
Figure 6. Relative luminous intensity vs. angular displacement for HLMP-NS30 and HLMP-NM30.
4
Bin Limits Bin F G H J K L M N P Q R S T U V W Intensity Range (mcd) Min. Max. 110.0 140.0 140.0 180.0 180.0 240.0 240.0 310.0 310.0 400.0 400.0 520.0 520.0 680.0 680.0 880.0 880.0 1150.0 1150.0 1500.0 1500.0 1900.0 1900.0 2500.0 2500.0 3200.0 3200.0 4200.0 4200.0 5500.0 5500.0 7200.0
Tolerance for each minimum and maximum = 15%.
Color Bin Limits (nm at 20 mA) Blue Bin ID 1 2 3 4 5 nm @ 20 mA Min. Max. 460.0 464.0 464.0 468.0 472.0 476.0 468.0 472.0 476.0 480.0 Green Bin ID 1 2 3 4 5 nm @ 20 mA Min. Max. 520.0 524.0 524.0 528.0 532.0 536.0 528.0 532.0 536.0 540.0
Tolerance for each bin limit will be 0.5 nm.
Mechanical Option Matrix Mechanical Option Code O0 DD Definition Bulk Packaging, minimum increment 200 pcs/bag Ammo Pack, straight leads, minimum increment 2K pcs/pack
All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
5
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2003 Agilent Technologies, Inc. Obsoletes 5988-9144EN September 10, 2003 5988-9508EN


▲Up To Search▲   

 
Price & Availability of HLMP-DM25-J0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X